|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: www.SunLED.com DUG57C 56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY Features 2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C.BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment Or ( DP) Per Segment Or ( DP) UG (GaP) VF 8.0(4.0) Unit UG (GaP) VR IF 20(10) 25(25) Unit V mA (IF=10mA) Forward Voltage (Max.) Per Segment Or ( DP) V (IF=10mA) Reverse Current Per Segment Or (Dp) VF 10.0(5.0) V Forward Current Per Segment Or ( DP) Forward Current (peak) Per Segment Or ( DP) (VR=20(10)V) iFS 140 mA Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 52990 V4 565 Wavelength nm P IR 10 uA 1/10Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment Or ( DP) P 565 nm PT TA Tstg 250(125) -40 ~ +85 -40 ~ +85 mW C D 568 nm Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] 30 nm 260C For 3~ 5 Seconds C 15 pF Part Number Emitting Color Emitting Material Description DUG57C Green GaP 12000 Common Cathode, Rt. Hand Decimal Checked : Shin Chi P.1/5 Published Date : MAR 04, 2008 Drawing No : SDSA2168 Part Number: www.SunLED.com DUG57C 56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY UG Published Date : MAR 04, 2008 Drawing No : SDSA2168 V4 Checked : Shin Chi P.2/5 Part Number: www.SunLED.com DUG57C 56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY Published Date : MAR 04, 2008 Drawing No : SDSA2168 V4 Checked : Shin Chi P.3/5 Part Number: www.SunLED.com DUG57C 56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAR 04, 2008 Drawing No : SDSA2168 V4 Checked : Shin Chi P.4/5 Part Number: www.SunLED.com DUG57C 56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY PACKING & LABEL SPECIFICATIONS DUG57C Published Date : MAR 04, 2008 Drawing No : SDSA2168 V4 Checked : Shin Chi P.5/5 |
Price & Availability of DUG57C |